Electronic Components Datasheet Search
  English  ▼

X  

UPD16340 Datasheet(PDF) 8 Page - NEC

Part # UPD16340
Description  96-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16340 Datasheet(HTML) 8 Page - NEC

Back Button UPD16340 Datasheet HTML 4Page - NEC UPD16340 Datasheet HTML 5Page - NEC UPD16340 Datasheet HTML 6Page - NEC UPD16340 Datasheet HTML 7Page - NEC UPD16340 Datasheet HTML 8Page - NEC UPD16340 Datasheet HTML 9Page - NEC UPD16340 Datasheet HTML 10Page - NEC UPD16340 Datasheet HTML 11Page - NEC UPD16340 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet S13685EJ1V0DS00
8
µµµµ PD16340
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS1 ==== VSS2 ==== 0 V)
Parameter
Symbol
Ratings
Unit
Logic Supply Voltage
VDD1
–0.5 to +6.0
V
Driver Supply Voltage
VDD2
–0.5 to +80
V
Logic Input Voltage
VI
–0.5 to VDD1 + 0.5
V
Driver Output Current
IO2
+50 / –75
mA
Operating Junction Temperature
TJ
+125
°C
Storage Temperature
Tstg
–65 to +150
°C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore,
specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the range of the absolute maximum ratings.
Recommended Operating Range (TA =
−−−−40 to +85 °°°°C, VSS1 ==== VSS2 ==== 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic Supply Voltage
VDD1
4.5
5.0
5.5
V
Driver Supply Voltage
VDD2
15
70
V
High-Level Input Voltage
VIH
0.7 VDD1
VDD1
V
Low-Level Input Voltage
VIL
0
0.2 VDD1
V
Driver Output Current
IOH2
–60
mA
IOL2
+40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com