Electronic Components Datasheet Search
  English  ▼

X  

IRF644N Datasheet(PDF) 1 Page - International Rectifier

Part # IRF644N
Description  Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF644N Datasheet(HTML) 1 Page - International Rectifier

  IRF644N Datasheet HTML 1Page - International Rectifier IRF644N Datasheet HTML 2Page - International Rectifier IRF644N Datasheet HTML 3Page - International Rectifier IRF644N Datasheet HTML 4Page - International Rectifier IRF644N Datasheet HTML 5Page - International Rectifier IRF644N Datasheet HTML 6Page - International Rectifier IRF644N Datasheet HTML 7Page - International Rectifier IRF644N Datasheet HTML 8Page - International Rectifier IRF644N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF644N
IRF644NS
IRF644NL
HEXFET® Power MOSFET
3/15/01
www.irf.com
1
VDSS = 250V
RDS(on) = 240mΩ
ID = 14A
S
D
G
PD - 94107
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
9.9
A
IDM
Pulsed Drain Current

56
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
180
†
mJ
IAR
Avalanche Current

8.4
A
EAR
Repetitive Avalanche Energy

15
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
7.9
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
D2Pak
IRF644NS
TO-220AB
IRF644N
TO-262
IRF644NL
Description
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low
on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation levels
to approximately 50 watts. The low thermal resistance and
low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.


Similar Part No. - IRF644N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF644N VISHAY-IRF644N Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
logo
International Rectifier
IRF644NL IRF-IRF644NL Datasheet
280Kb / 12P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF644NL VISHAY-IRF644NL Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
IRF644NLPBF VISHAY-IRF644NLPBF Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
logo
International Rectifier
IRF644NPBF IRF-IRF644NPBF Datasheet
280Kb / 12P
HEXFET짰 Power MOSFET
More results

Similar Description - IRF644N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com