Electronic Components Datasheet Search
  English  ▼

X  

IRF644 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF644
Description  Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF644 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF644 Datasheet HTML 3Page - International Rectifier IRF644 Datasheet HTML 4Page - International Rectifier IRF644 Datasheet HTML 5Page - International Rectifier IRF644 Datasheet HTML 6Page - International Rectifier IRF644 Datasheet HTML 7Page - International Rectifier IRF644 Datasheet HTML 8Page - International Rectifier IRF644 Datasheet HTML 9Page - International Rectifier IRF644 Datasheet HTML 10Page - International Rectifier IRF644 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.irf.com
11
IRF644N/644NS/644NL
Data and specifications subject to change without notice.
This product has been designed and qualified for the (IRF644N) automotive [Q101]
& (IRF644NS/L) industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01
D2Pak Tape & Reel Information
3
4
4
TR R
F E ED DIRECTIO N
1 .85 (.073)
1 .65 (.065)
1.60 (.0 63)
1.50 (.0 59)
4.10 (.16 1)
3.90 (.15 3)
TR L
F EED DIRECTION
10 .90 (.429)
10 .70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15. 42 ( .609)
15. 22 ( .601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0. 368 (. 0145)
0. 342 (. 0135)
1.60 (. 063)
1.50 (. 059)
13 .50 ( .53 2)
12 .80 ( .50 4)
330.00
(14.173)
M AX.
27 .40 (1 .079 )
23 .90 (.9 41)
60 .00 (2. 362)
M IN .
30 .40 (1 .19 7)
M A X .
26.40 (1.039)
24.40 (.961)
N O T ES :
1. C O M F O R M S T O E IA -4 18.
2. C O NT RO LL IN G D IM E NS IO N: M ILL IM E T E R .
3. DIM E N S IO N M E A S U R E D @ HU B .
4. IN C LU D E S F LA N GE D IS T OR T IO N @ OU T E R E D GE .
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
‚ Starting T
J = 25°C, L = 5.0µH
RG = 25Ω, IAS = 8.4A. (See Figure 12)
ƒ I
SD ≤ 8.4A, di/dt ≤ 378A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction
and represents operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ This is only applied to TO-220AB package.
**When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint & soldering techniques refer to
application note #AN-994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com