Electronic Components Datasheet Search
  English  ▼

X  

USP-4 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # USP-4
Description  Packaging Information / Reference Pattern Layout Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

USP-4 Datasheet(HTML) 3 Page - Torex Semiconductor

  USP-4 Datasheet HTML 1Page - Torex Semiconductor USP-4 Datasheet HTML 2Page - Torex Semiconductor USP-4 Datasheet HTML 3Page - Torex Semiconductor USP-4 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
●USP-4 Power Dissipation
Power dissipation data for the USP-4 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as the reference data taken in the following condition.
1. Measurement Condition
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm (1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6 mm
Through-hole: 4 x 0.8 Diameter
2. Power Dissipation vs. Ambient Temperature (85℃)
Board Mount (Tjmax=125℃)
3. Power Dissipation vs. Ambient Temperature (105℃)
Board Mount (Tjmax=125℃)
Ambient
Temperature
(℃)
Power
Dissipation
Pd (mW)
Thermal
Resistance
(℃/W)
25
1000
100.00
85
400
Ambient
Temperature
(℃)
Power
Dissipation
Pd (mW)
Thermal
Resistance
(℃/W)
25
1000
100.00
85
200
Pd vs. Ta
Evaluation Board (Unit: mm)
Ambient Temperature Ta(℃)
Pd vs. Ta



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com