Electronic Components Datasheet Search
  English  ▼

X  

USP-4D Datasheet(PDF) 3 Page - Torex Semiconductor

Part # USP-4D
Description  Packaging Information / Reference Pattern Layout Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

USP-4D Datasheet(HTML) 3 Page - Torex Semiconductor

  USP-4D Datasheet HTML 1Page - Torex Semiconductor USP-4D Datasheet HTML 2Page - Torex Semiconductor USP-4D Datasheet HTML 3Page - Torex Semiconductor USP-4D Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
●USP-4D Power Dissipation
Power dissipation data for the USP-4D is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition : Mount on a board
Ambient : Natural convection
Soldering : Lead (Pb) free
Board : Dimensions 40mm×40mm(1600mm
2
in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material : Glass Epoxy(FR-4)
Thickness : 1.6mm
Through-hole : 4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2.
Power Dissipation vs. Ambient temperature
Board Mount ( Tjmax=125℃)
Ambient Temperature (℃)
Power Dissipation Pd (mW)
Thermal Resistance (℃/W)
25
650
85
260
153.85



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com