Electronic Components Datasheet Search
  English  ▼

X  

XBP1007 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XBP1007
Description  Low Capacitance TVS Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBP1007 Datasheet(HTML) 2 Page - Torex Semiconductor

  XBP1007 Datasheet HTML 1Page - Torex Semiconductor XBP1007 Datasheet HTML 2Page - Torex Semiconductor XBP1007 Datasheet HTML 3Page - Torex Semiconductor XBP1007 Datasheet HTML 4Page - Torex Semiconductor XBP1007 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XBP1007
■ELECTRICAL CHARACTERISTICS
Ta=25℃
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Stand-Off Voltage
VRWM
-
-
24
V
Breakdown Voltage
VBR
IR=1mA
27.27
-
30.14
V
Leakage Current
IR
VR=24V
-
-
1
μA
Clamping Voltage (8/20μs)
VC
IPP=1A
-
-
43
V
Terminal Capacitance
Ct
VR=0V, f=1MHz
-
-
3.0
pF
■NOTES ON USE
1. Please use this IC within the absolute maximum ratings.
Even within the ratings, in case of high load use continuously such as high temperature, high voltage, high current and thermal stress may
cause reliability degradation of the IC.
2. Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products in their systems.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com