Electronic Components Datasheet Search
  English  ▼

X  

IRF7416 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7416
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7416 Datasheet(HTML) 2 Page - International Rectifier

  IRF7416 Datasheet HTML 1Page - International Rectifier IRF7416 Datasheet HTML 2Page - International Rectifier IRF7416 Datasheet HTML 3Page - International Rectifier IRF7416 Datasheet HTML 4Page - International Rectifier IRF7416 Datasheet HTML 5Page - International Rectifier IRF7416 Datasheet HTML 6Page - International Rectifier IRF7416 Datasheet HTML 7Page - International Rectifier IRF7416 Datasheet HTML 8Page - International Rectifier IRF7416 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7416
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.0
V
TJ = 25°C, IS = -5.6A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
56
85
ns
TJ = 25°C, IF = -5.6A
Qrr
Reverse RecoveryCharge
–––
99
150
nC
di/dt = 100A/µs
ƒ
Source-Drain Ratings and Characteristics
A
–––
–––
-45
–––
–––
-3.1
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.024 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.020
VGS = -10V, ID = -5.6A
„
–––
––– 0.035
VGS = -4.5V, ID = -2.8A
„
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
5.6
–––
–––
S
VDS = -10V, ID = -2.8A
–––
–––
-1.0
VDS = -24V, VGS = 0V
–––
–––
-25
VDS = -24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
61
92
ID = -5.6A
Qgs
Gate-to-Source Charge
–––
8.0
12
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
22
32
VGS = -10V, See Fig. 6 and 9
„
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -15V
tr
Rise Time
–––
49
–––
ID = -5.6A
td(off)
Turn-Off Delay Time
–––
59
–––
RG = 6.2
Ω
tf
Fall Time
–––
60
–––
RD = 2.7
Ω, See Fig. 10
„
Ciss
Input Capacitance
––– 1700 –––
VGS = 0V
Coss
Output Capacitance
–––
890
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
410
–––
ƒ = 1.0MHz, See Fig. 5
Ω
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -5.6A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
‚ Starting T
J = 25°C, L = 25mH
RG = 25Ω, IAS = -5.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board, t ≤ 10sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com