Electronic Components Datasheet Search
  English  ▼

X  

SMART1500RM2UN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART1500RM2UN
Description  SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500RM2UN Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART1500RM2UN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500RM2UN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500RM2UN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500RM2UN Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500RM2UN Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and pre-installed SNMPWEBCARD accessory
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
1350
Output kW Capacity (kW)
1.35
Power Factor
0.9
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-21%, +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) 5-15R
Load Management Receptacles
Two switchable two-outlet 5-15R load banks
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
15A
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com