Electronic Components Datasheet Search
  English  ▼

X  

856440 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856440
Description  1176 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856440 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856440_15 Datasheet HTML 1Page - TriQuint Semiconductor 856440_15 Datasheet HTML 2Page - TriQuint Semiconductor 856440_15 Datasheet HTML 3Page - TriQuint Semiconductor 856440_15 Datasheet HTML 4Page - TriQuint Semiconductor 856440_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856440
1176 MHz SAW Filter
Features
• For GPS applications
• Usable bandwidth of 20 MHz
• Typical 3 dB bandwidth of 35 MHz
• Low loss
• High attenuation
• Single-ended operation
• No impedance matching required for operation
at 50Ω
• Chip Scale Package (CSP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 2.00 x 1.50 x 0.76 mm
Bottom View
3
4
2
1
Pin No.
Description
1
Input
3
Output
2,4
Case ground
0.76 NOM.
0.84 MAX.
1.30
1.50
0.42
0.56
0.25x45° CHAMFER
1.80
2.00
Dimensions shown are nominal in millimeters
All tolerances are
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb
Subject to change or obsolescence without notice
Rev A
© 1-07 TriQuint Semiconductor, Inc.
Page 1 of 5


Similar Part No. - 856440_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856441 TRIQUINT-856441 Datasheet
525Kb / 6P
881.5 MHz SAW Filter
856444 TRIQUINT-856444_15 Datasheet
388Kb / 5P
125 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
856447 TRIQUINT-856447_15 Datasheet
378Kb / 5P
170.6 MHz SAW Filter
More results

Similar Description - 856440_15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
880364 TRIQUINT-880364 Datasheet
127Kb / 5P
1176 MHz BAW Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
880364 TRIQUINT-880364_15 Datasheet
238Kb / 6P
1176 MHz GPS L5 BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2499A TAI-SAW-TA2499A Datasheet
492Kb / 6P
SAW Filter 1176 MHz SMD 2.0횞1.6 mm (BW=40 MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com