Electronic Components Datasheet Search
  English  ▼

X  

856466 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856466
Description  374 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856466 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856466_15 Datasheet HTML 1Page - TriQuint Semiconductor 856466_15 Datasheet HTML 2Page - TriQuint Semiconductor 856466_15 Datasheet HTML 3Page - TriQuint Semiconductor 856466_15 Datasheet HTML 4Page - TriQuint Semiconductor 856466_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Data Sheet
Part Number 856466
374 MHz SAW Filter
Features
• For WiMAX applications
• Usable bandwidth of 10 MHz
• Typical 1 dB bandwidth of 10 MHz
• Low loss
• High attenuation
• Single-ended or balanced operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
•
Package
Pin Configuration
Surface Mount 3.80 x 3.80 x 1.27 mm
Bottom View
4
8
76
5
3
2
1
Pin No. Description
2
Input
3
Input return
6
Output
7
Output return
1,4,5,8
Case ground
1.27 NOM.
1.45 MAX.
0.61
1.00
0.60
1.27
3.80
3.80
1.50
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Subject to change or obsolescence without notice
Rev -
22-Apr-2005
Page 1 of 5


Similar Part No. - 856466_15

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8564-4500JL 3M-8564-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
logo
TriQuint Semiconductor
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
1842.5 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
1960 MHz SAW Filter
logo
Weidmuller
8564290000 WEIDMULLER-8564290000 Datasheet
111Kb / 4P
Standard distributor with bus termination (active)
8564320000 WEIDMULLER-8564320000 Datasheet
106Kb / 4P
Standard distributor with bus termination (active)
More results

Similar Description - 856466_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855898 TRIQUINT-855898 Datasheet
536Kb / 5P
374 MHz SAW Filter
855653 TRIQUINT-855653 Datasheet
603Kb / 5P
374 MHz SAW Filter
856187 TRIQUINT-856187 Datasheet
604Kb / 5P
374 MHz SAW Filter
856278 TRIQUINT-856278 Datasheet
611Kb / 5P
374 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0374BA02518S APITECH-SF0374BA02518S Datasheet
130Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0530A TAI-SAW-TB0530A Datasheet
270Kb / 7P
IF SAW Filter 374 MHz (SMD 5.0mmX5.0mm)
logo
TriQuint Semiconductor
855653 TRIQUINT-855653_15 Datasheet
632Kb / 5P
374 MHz SAW Filter
855898 TRIQUINT-855898_15 Datasheet
611Kb / 5P
374 MHz SAW Filter
logo
KR Electronics, Inc.
3243-SMA KR-3243-SMA Datasheet
99Kb / 3P
374 MHz Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com