Electronic Components Datasheet Search
  English  ▼

X  

IRF7456 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7456
Description  Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7456 Datasheet(HTML) 1 Page - International Rectifier

  IRF7456 Datasheet HTML 1Page - International Rectifier IRF7456 Datasheet HTML 2Page - International Rectifier IRF7456 Datasheet HTML 3Page - International Rectifier IRF7456 Datasheet HTML 4Page - International Rectifier IRF7456 Datasheet HTML 5Page - International Rectifier IRF7456 Datasheet HTML 6Page - International Rectifier IRF7456 Datasheet HTML 7Page - International Rectifier IRF7456 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
4/20/00
IRF7456
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC Converters
with Synchronous Rectification
Benefits
Applications
l Ultra-Low RDS(on) at 4.5V VGS
l Low Charge and Low Gate Impedance to
Reduce Switching Losses
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
20V
0.0065
Ω
16A
Typical SMPS Topologies
l Telecom 48V Input Converters with Logic-Level Driven Synchronous Rectifiers
PD- 93840B
Notes
 through „ are on page 8
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
16
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

130
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
50
°C/W
Thermal Resistance
SO-8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A


Similar Part No. - IRF7456

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7456 UMW-IRF7456 Datasheet
548Kb / 8P
30V N-Channel MOSFET
logo
International Rectifier
IRF7456PBF IRF-IRF7456PBF Datasheet
174Kb / 8P
SMPS MOSFET
IRF7456PBF IRF-IRF7456PBF Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF-1 IRF-IRF7456PBF-1 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7456

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com