Electronic Components Datasheet Search
  English  ▼

X  

IRF7466 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7466
Description  Power MOSFET(Vdss=30V, Id=11A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7466 Datasheet(HTML) 1 Page - International Rectifier

  IRF7466 Datasheet HTML 1Page - International Rectifier IRF7466 Datasheet HTML 2Page - International Rectifier IRF7466 Datasheet HTML 3Page - International Rectifier IRF7466 Datasheet HTML 4Page - International Rectifier IRF7466 Datasheet HTML 5Page - International Rectifier IRF7466 Datasheet HTML 6Page - International Rectifier IRF7466 Datasheet HTML 7Page - International Rectifier IRF7466 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/25/01
IRF7466
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through „ are on page 8
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
11
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
9.0
A
IDM
Pulsed Drain Current

90
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
SO-8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max(mΩ)
Ω)
Ω)
Ω)
Ω)
ID
30V
12.5@VGS = 10V
11A
PD- 93884C
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power


Similar Part No. - IRF7466

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
More results

Similar Description - IRF7466

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com