Electronic Components Datasheet Search
  English  ▼

X  

IRF7467 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7467
Description  Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7467 Datasheet(HTML) 1 Page - International Rectifier

  IRF7467 Datasheet HTML 1Page - International Rectifier IRF7467 Datasheet HTML 2Page - International Rectifier IRF7467 Datasheet HTML 3Page - International Rectifier IRF7467 Datasheet HTML 4Page - International Rectifier IRF7467 Datasheet HTML 5Page - International Rectifier IRF7467 Datasheet HTML 6Page - International Rectifier IRF7467 Datasheet HTML 7Page - International Rectifier IRF7467 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7467
SMPS MOSFET
Notes
 through „ are on page 8
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
11
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
9.0
A
IDM
Pulsed Drain Current

90
PD @TA = 25°C
Maximum Power Dissipation
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
HEXFET® Power MOSFET
l High Frequency DC-DC Isolated
Converters with Synchronous Rectification
for Telecom and Industrial use
Benefits
Applications
VDSS
RDS(on) max
ID
30V
12m
Ω
11A
www.irf.com
1
3/25/01
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
SO-8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l High Frequency Buck Converters for
Computer Processor Power
PD - 93883B


Similar Part No. - IRF7467

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7467PBF IRF-IRF7467PBF Datasheet
125Kb / 8P
SMPS MOSFET
logo
VBsemi Electronics Co.,...
IRF7467TRPBF VBSEMI-IRF7467TRPBF Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - IRF7467

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com