Electronic Components Datasheet Search
  English  ▼

X  

856653 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856653
Description  1250 MHz Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856653 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856653_15 Datasheet HTML 1Page - TriQuint Semiconductor 856653_15 Datasheet HTML 2Page - TriQuint Semiconductor 856653_15 Datasheet HTML 3Page - TriQuint Semiconductor 856653_15 Datasheet HTML 4Page - TriQuint Semiconductor 856653_15 Datasheet HTML 5Page - TriQuint Semiconductor 856653_15 Datasheet HTML 6Page - TriQuint Semiconductor 856653_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
856653
1250 MHz Filter
Data Sheet: Rev. E 14-06-16
- 1 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
 Broadband tuners
 DOCSIS 3.0 gateways
 DOCSIS 3.0 cable modems
Product Features
 Usable bandwidth 100 MHz
 High attenuation
 Balanced operation
 Small Size: 3.00 x 3.00 x 1.22 mm
 Ceramic Surface Mount Package (SMP)
 Hermetic
 RoHS (2002/95/EC) compliant, Pb-free
SMP-12D 3.00 x 3.00 x 1.22 mm
Functional Block Diagram
1
2
3
4
5
6
7
8
Input +
Output +
Gnd
Input -
Output -
Gnd
Gnd
Gnd
Gnd
Gnd
Top View
Pin Configuration
Pin No.
Label
1
Input +
2
Input −
5
Output +
6
Output −
3,4,7,8
Ground
General Description
Tuner IF filter for applications where higher bandwidths,
up to 100 MHz, are needed to support DOCSIS 3.0 The
design supports industry accepted reference designs
and supports the high attenuation demands of CATV
set-top boxes.
Ordering Information
Part No.
Description
856653
Packaged Part
856653-EVB
Evaluation board
Standard T/R size = 5000 units/reel
P
b


Similar Part No. - 856653_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856652 TRIQUINT-856652_15 Datasheet
402Kb / 6P
398 MHz SAW Filter
856654 TRIQUINT-856654 Datasheet
443Kb / 6P
1747.5 MHz SAW Filter
856654-EVB TRIQUINT-856654-EVB Datasheet
443Kb / 6P
1747.5 MHz SAW Filter
856654 TRIQUINT-856654_15 Datasheet
443Kb / 6P
1747.5 MHz SAW Filter
856656 TRIQUINT-856656 Datasheet
457Kb / 5P
140 MHz SAW Filter
More results

Similar Description - 856653_15

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPP16-1250 TRIAD-VPP16-1250 Datasheet
47Kb / 1P
VPP16-1250
VPP24-1250 TRIAD-VPP24-1250 Datasheet
46Kb / 1P
VPP24-1250
logo
Integrated Circuit Syst...
SF0070BA03045S ICST-SF0070BA03045S Datasheet
248Kb / 2P
70 MHz Filter
Rev X4
SF0070BA03061S ICST-SF0070BA03061S Datasheet
246Kb / 2P
70 MHz Filter
Rev X2
logo
TAI-SAW TECHNOLOGY CO.,...
TA0824A TAI-SAW-TA0824A Datasheet
369Kb / 8P
SAW Filter 1250 MHz
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
3008 KR-3008 Datasheet
48Kb / 3P
1250 MHz Lowpass
3008-SMA KR-3008-SMA Datasheet
56Kb / 3P
1250 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2386A TAI-SAW-TA2386A Datasheet
595Kb / 7P
SAW Filter 1250 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com