Electronic Components Datasheet Search
  English  ▼

X  

IRF7530 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7530
Description  Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7530 Datasheet(HTML) 7 Page - International Rectifier

  IRF7530 Datasheet HTML 1Page - International Rectifier IRF7530 Datasheet HTML 2Page - International Rectifier IRF7530 Datasheet HTML 3Page - International Rectifier IRF7530 Datasheet HTML 4Page - International Rectifier IRF7530 Datasheet HTML 5Page - International Rectifier IRF7530 Datasheet HTML 6Page - International Rectifier IRF7530 Datasheet HTML 7Page - International Rectifier IRF7530 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7530
www.irf.com
7
Micro8
 Package Outline
Dimensions are shown in millimeters (inches)
IN C H E S
M IL L IM E T E R S
M IN
M A X
M IN
M A X
A
0.10 ( .004)
0.2 5 (.0 1 0)
M
A
M
H
1
2 3
4
8
7
6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.08 (.003)
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NOTES:
1 D IM E N SIO N IN G A N D T O L ER A N C IN G P E R A N SI Y 14 .5M -1982 .
2 CO NTRO L LIN G D IM ENSIO N : INCH .
3 D IM E N SIO N S D O N O T IN C L U D E M O LD F L AS H .
A
.036
.0 44
0.91
1.11
A 1
.004
.0 08
0.10
0.20
B
.010
.0 14
0.25
0.36
C
.0 05
.007
0.13
0.18
D
.1 16
.120
2.95
3.05
e
.0256 B A SIC
0.65 BA S IC
e1
.0128 B A SIC
0.33 BA S IC
E
.116
.1 20
2.95
3.05
H
.1 88
.198
4.78
5.03
L
.016
.026
0.41
0.66
θ
0 °
6 °
0°
6°
DIM
LE AD ASS IG NM ENT S
SIN G LE
DUAL
D D D D
D 1 D1 D2 D 2
S S S G
S 1 G1 S2 G2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
REC O M M EN DE D F O O T PRIN T
1.04
( .041 )
8 X
0 .38
( .015 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .208 )
0.65
( .0256 )
6X
Micro8
 Part Marking Information
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
01
02
03
04
24
W
YEAR
Y
A
2001
1
B
2002
2
C
2003
3
D
1994
4
X
1999
0
WW = (27-52) IF PRECEDED BY A LETTER
WEEK
27
28
29
30
50
W
YEAR
A
2001
A
B
2002
B
C
2003
C
D
1994
D
X
J
YWW = 9532 = EF
YWW = 9503 = 5C
DATE CODE EXAMPLES :
1995
1996
1997
1998
1999
2000
E
F
G
H
K
Y
1995
1996
1997
1998
2000
9
8
7
6
5
PART NUMBER
EXAMPLE: T HIS IS AN IRF7501
DATE CODE (YW)
Y = YEAR
W = WEEK
WORK
WEEK
WORK
25
Y
51
Y
26
Z
52
Z
LOT CODE (XX)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com