Electronic Components Datasheet Search
  English  ▼

X  

UPD16434 Datasheet(PDF) 19 Page - NEC

Part # UPD16434
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16434 Datasheet(HTML) 19 Page - NEC

Back Button UPD16434 Datasheet HTML 15Page - NEC UPD16434 Datasheet HTML 16Page - NEC UPD16434 Datasheet HTML 17Page - NEC UPD16434 Datasheet HTML 18Page - NEC UPD16434 Datasheet HTML 19Page - NEC UPD16434 Datasheet HTML 20Page - NEC UPD16434 Datasheet HTML 21Page - NEC UPD16434 Datasheet HTML 22Page - NEC UPD16434 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet S10299EJ4V0DS00
19
µµµµ PD16434
2.6 LCD Voltage Control Circuit
This circuit multiplexes the DC voltage supplied from the LCD drive reference voltage inputs (VLC1 to VLC5) with
the AC signal synchronized with the CLOCK and SYNC signal, and supplies the signals to determine the select and
non-select level of the row and column signals and the phase for the row and column drivers.
Table 2–1 indicates these signal levels and the phase.
Table 2–1. LCD Driver Voltage Signal Levels and Phase
8-time-divisions
16-time-divisions
–+–
+
Row
Select
VLC0
VLC5
VLC0
VLC5
Non-select
VLC4
VLC1
VLC4
VLC1
Column
Select
VLC5
VLC0
VLC5
VLC0
Non-select
VLC2
Note
VLC2
VLC3
VLC2
Note VLC2 = VLC3
2.7 LCD Timing Control Circuit
This circuit generates the timing signals from the clock signal, according to the frame frequency specified by the
SFF command, and the number of time divisions specified by the SMM command.
The timing signals are necessary for automatically reading the display data and driving the LCD, and are supplied
to the data memory row/column driver, and LCD voltage control circuit.
If the SYNC signal is set to the output mode by the SMM command, the SYNC signal is output for each frame. If
the SYNC mode is specified to the input mode, the SYNC signal supplied from some other chip is input to generate the
timing signals in synchronization with each frame interval.
The SYNC signal input/output function is used to synchronize the LCD drive timing between chips in multi-chip
configuration.
2.8 Row/Column Driver
The row/column driver consists of the column driver for C0 to C41 signals, row/column driver for R15 to R8 and
C42 to C49, and a dual mode row driver for R0 to R7 or R8 to R15.
The dual mode row driver function is determined by the SMM command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com