Electronic Components Datasheet Search
  English  ▼

X  

IRF7663 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7663
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7663 Datasheet(HTML) 6 Page - International Rectifier

  IRF7663 Datasheet HTML 1Page - International Rectifier IRF7663 Datasheet HTML 2Page - International Rectifier IRF7663 Datasheet HTML 3Page - International Rectifier IRF7663 Datasheet HTML 4Page - International Rectifier IRF7663 Datasheet HTML 5Page - International Rectifier IRF7663 Datasheet HTML 6Page - International Rectifier IRF7663 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7663
6
www.irf.com
Package Outline
Micro8
™
™
™
™
™
Dimensions are shown in millimeters (inches)
IN C H E S
M IL L IM E T E R S
M IN
M A X
M IN
M A X
A
0.10 ( .00 4)
0 .2 5 (.0 1 0 )
M
A
M
H
1
2
3
4
8
7
6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8 X
0 .0 8 (.0 0 3 )
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO TE S :
1 DIM E N S IO N ING AND TO L E RA NCING P E R AN SI Y 14 .5M -1 982 .
2 CON TRO LL IN G DIM E N S IO N : IN CH.
3 DIM E N S IO N S DO NOT IN CLUD E M O LD F L AS H.
A
.0 3 6
.0 4 4
0 .9 1
1 .1 1
A 1
.0 0 4
.0 0 8
0 .1 0
0 .2 0
B
.0 1 0
.0 1 4
0 .2 5
0 .3 6
C
.0 05
.007
0.13
0. 18
D
.1 16
.120
2.95
3. 05
e
.0 2 5 6 BAS IC
0 .6 5 BASIC
e 1
.0 1 2 8 BAS IC
0 .3 3 BASIC
E
.1 1 6
.1 2 0
2 .9 5
3 .0 5
H
.1 88
.198
4.78
5 .03
L
.0 1 6
.0 2 6
0 .4 1
0 .6 6
θ
0 °
6 °
0 °
6 °
DIM
L EAD ASSIG N M E N T S
SIN G L E
DU AL
D D D D
D 1 D 1 D2 D2
S S S G
S1 G 1 S2 G 2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
RE C O M M E ND E D F O O T P R IN T
1.04
( .0 41 )
8 X
0 .3 8
( .015 )
8X
3.20
( .1 26 )
4.24
( .167 )
5.28
( .2 08 )
0.65
( . 02 56 )
6X
Micro8
™
™
™
™
™
Part Marking Information
P A RT NU MB E R
45 1
75 01
TO P
E X A M P L E : T H IS IS A N IR F 7 5 01
DA TE C O DE (Y W W )
Y = LA ST D IG IT O F YEA R
W W = WE E K
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com