Electronic Components Datasheet Search
  English  ▼

X  

IRF7704 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7704
Description  Power MOSFET(Vdss=-40V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7704 Datasheet(HTML) 1 Page - International Rectifier

  IRF7704 Datasheet HTML 1Page - International Rectifier IRF7704 Datasheet HTML 2Page - International Rectifier IRF7704 Datasheet HTML 3Page - International Rectifier IRF7704 Datasheet HTML 4Page - International Rectifier IRF7704 Datasheet HTML 5Page - International Rectifier IRF7704 Datasheet HTML 6Page - International Rectifier IRF7704 Datasheet HTML 7Page - International Rectifier IRF7704 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-40
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-4.6
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-3.7
A
IDM
Pulsed Drain Current

-19
PD @TA = 25°C
Power Dissipation
ƒ
1.5
PD @TA = 70°C
Power Dissipation
ƒ
1.0
Linear Derating Factor
12
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
3/19/01
www.irf.com
1
IRF7704
HEXFET® Power MOSFET
PD- 94160
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
83
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-40V
46@VGS = -10V
-4.6A
74@VGS = -4.5V
-3.7A
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.1mm)
l Available in Tape & Reel
HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Inter-
national Rectifier is well known for,
provides thedesigner
with an extremely efficient and reliable device for
battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.2mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.
TSSOP-8
4 = G
3 = S
2 = S
1 = D
1
2
3
4
G
D
S
5
6
7
8
8 = D
7 = S
6 = S
5 = D


Similar Part No. - IRF7704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704PBF IRF-IRF7704PBF Datasheet
198Kb / 9P
HEXFET Power MOSFET
More results

Similar Description - IRF7704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5804 IRF-IRF5804 Datasheet
99Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
Power MOSFET(Vdss=40V, Id=9.4A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com