Electronic Components Datasheet Search
  English  ▼

X  

IRF7707 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7707
Description  Power MOSFET(Vdss=-20V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7707 Datasheet(HTML) 1 Page - International Rectifier

  IRF7707 Datasheet HTML 1Page - International Rectifier IRF7707 Datasheet HTML 2Page - International Rectifier IRF7707 Datasheet HTML 3Page - International Rectifier IRF7707 Datasheet HTML 4Page - International Rectifier IRF7707 Datasheet HTML 5Page - International Rectifier IRF7707 Datasheet HTML 6Page - International Rectifier IRF7707 Datasheet HTML 7Page - International Rectifier IRF7707 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
10/04/00
IRF7707
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
VDS
Drain-Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-7.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-5.7
A
IDM
Pulsed Drain Current

-28
PD @TA = 25°C
Maximum Power Dissipation
ƒ
1.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.0
W
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
±12
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
PD -93996
VDSS
RDS(on) max
ID
-20V
22m
Ω@VGS = -4.5V
-
7.0A
33m
Ω@VGS = -2.5V
-
6.0A
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
83
°C/W
TSSOP-8
4 = G
3 = S
2 = S
1 = D
1
2
3
4
G
D
S
5
6
7
8
8 = D
7 = S
6 = S
5 = D
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.2mm)
l Available in Tape & Reel
HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Inter-
national Rectifier is well known for,
provides thedesigner
with an extremely efficient and reliable device for
battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.2mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.


Similar Part No. - IRF7707

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7707GPBF IRF-IRF7707GPBF Datasheet
242Kb / 8P
Ultra Low On-Resistance
IRF7707PBF IRF-IRF7707PBF Datasheet
145Kb / 8P
HEXFET짰 Power MOSFET
IRF7707TRPBF IRF-IRF7707TRPBF Datasheet
242Kb / 8P
Ultra Low On-Resistance
More results

Similar Description - IRF7707

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
Power MOSFET(Vdss=20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
Power MOSFET(Vdss=-20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
Power MOSFET(Vdss=-20V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
Power MOSFET(Vdss=-20V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com