Electronic Components Datasheet Search
  English  ▼

X  

XC2408 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2408
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2408 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2408 Datasheet HTML 1Page - Torex Semiconductor XC2408 Datasheet HTML 2Page - Torex Semiconductor XC2408 Datasheet HTML 3Page - Torex Semiconductor XC2408 Datasheet HTML 4Page - Torex Semiconductor XC2408 Datasheet HTML 5Page - Torex Semiconductor XC2408 Datasheet HTML 6Page - Torex Semiconductor XC2408 Datasheet HTML 7Page - Torex Semiconductor XC2408 Datasheet HTML 8Page - Torex Semiconductor XC2408 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
XC2408A816UR-G
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
FUNCTION CHART
PIN NUMBER
PIN NAME
FUNCTION
1
RF_IN
RF Signal Input
2
VSS1
Ground
3
VSS2
Ground
4
CE
ON/OFF Control Pin
5
RF_OUT
RF Signal Output
6
VDD
Power Supply
7
RBIAS1
RBIAS Connect Pin
8
RBIAS2
RBIAS Connect Pin
PIN NAME
SIGNAL
STATUS
CE High
Active
CE Low
Stand-by
CE
CE OPEN
Undefined State
USP-8A01
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com