Electronic Components Datasheet Search
  English  ▼

X  

XC6231 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6231
Description  竊?V Input, 500mA, High Speed LDO Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6231 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6231 Datasheet HTML 1Page - Torex Semiconductor XC6231 Datasheet HTML 2Page - Torex Semiconductor XC6231 Datasheet HTML 3Page - Torex Semiconductor XC6231 Datasheet HTML 4Page - Torex Semiconductor XC6231 Datasheet HTML 5Page - Torex Semiconductor XC6231 Datasheet HTML 6Page - Torex Semiconductor XC6231 Datasheet HTML 7Page - Torex Semiconductor XC6231 Datasheet HTML 8Page - Torex Semiconductor XC6231 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
XC6231Series
■
BLOCK DIAGRAM
* Diodes inside the circuit are an
ESD protection diode and parasitic diodes.
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6231A①②③④⑤-⑥
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①②
Output Voltage
09~55
0.9V~5.5V (100mV step)
③
Output Voltage Accuracy
2
±2%
④⑤-⑥ (*1)
Package (Order Unit)
PR-G
SOT-89-5 (1,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com