Electronic Components Datasheet Search
  English  ▼

X  

IRF7755 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7755
Description  Power MOSFET(Vdss=-20V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7755 Datasheet(HTML) 7 Page - International Rectifier

  IRF7755 Datasheet HTML 1Page - International Rectifier IRF7755 Datasheet HTML 2Page - International Rectifier IRF7755 Datasheet HTML 3Page - International Rectifier IRF7755 Datasheet HTML 4Page - International Rectifier IRF7755 Datasheet HTML 5Page - International Rectifier IRF7755 Datasheet HTML 6Page - International Rectifier IRF7755 Datasheet HTML 7Page - International Rectifier IRF7755 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7755
www.irf.com
7
EXAMPLE: T HIS IS AN IRF7702
DAT E CODE (YW)
PART NUMBER
LOT CODE (XX)
DAT E CODE EXAMPLES :
9503 = 5C
9532 = EF
7702
XXYW
WORK WEEK 27-52, ALPHANUMERIC YEAR CODE (A,B, ...ETC.)
2000
K
52
51
50
Z
Y
X
2001
1995
1999
1998
1997
1996
1994
2003
2002
YEAR
AA
27
E
H
G
F
J
D
C
B
30
29
28
D
C
B
TABLE 2
Y
WORK
WEEK
26
W
Z
WORK WEEK 1-26, NUMERIC YEAR CODE (1,2, ....ET C.)
2003
1997
2000
1998
1999
1996
1995
1994
2002
2001
YEAR
3C
03
7
8
9
0
25
24
5
6
404
Y
X
D
WORK
2
1
YWEEK
02
01
TABLE 1
B
A
W
TSSOP-8 Part Marking Information
Ø 13"
16mm
1. T APE & REEL OUT LINE CONF ORMS T O E IA-481 & E IA-541.
NOT E S:
16 mm
8 mm
F EED DIRECT ION
8LT SSOP (MO-153AA)
TSSOP-8 Tape and Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com