Electronic Components Datasheet Search
  English  ▼

X  

IRF7805 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7805
Description  Chip-Set for DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7805 Datasheet(HTML) 8 Page - International Rectifier

  IRF7805 Datasheet HTML 1Page - International Rectifier IRF7805 Datasheet HTML 2Page - International Rectifier IRF7805 Datasheet HTML 3Page - International Rectifier IRF7805 Datasheet HTML 4Page - International Rectifier IRF7805 Datasheet HTML 5Page - International Rectifier IRF7805 Datasheet HTML 6Page - International Rectifier IRF7805 Datasheet HTML 7Page - International Rectifier IRF7805 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.irf.com
8
IRF7805/IRF7805A
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
33 0.0 0
( 12.992)
M AX.
14 .4 0 ( .5 6 6 )
12 .4 0 ( .4 8 8 )
NO T E S :
1 . CO NT RO L LIN G DIM E NS IO N : M IL L IM E T E R.
2 . O U T L IN E C O N FO R M S T O EIA -48 1 & EIA-54 1.
F E E D DIR E CT IO N
T E RM IN A L NUM B E R 1
1 2.3 ( .4 84 )
1 1.7 ( .4 61 )
8.1 ( .318 )
7.9 ( .312 )
NO T E S :
1 . CO NT RO L L IN G DIM E NS IO N : M IL L IM E T E R .
2 . A L L D IM E N S IO N S A R E SH O W N IN M IL L IM ET ER S(IN C H ES) .
3 . O U T L IN E C O N F O R M S T O EIA -4 8 1 & EIA- 5 4 1 .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 10/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com