Electronic Components Datasheet Search
  English  ▼

X  

IRF7807D2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807D2
Description  MOSFET / SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807D2 Datasheet(HTML) 1 Page - International Rectifier

  IRF7807D2 Datasheet HTML 1Page - International Rectifier IRF7807D2 Datasheet HTML 2Page - International Rectifier IRF7807D2 Datasheet HTML 3Page - International Rectifier IRF7807D2 Datasheet HTML 4Page - International Rectifier IRF7807D2 Datasheet HTML 5Page - International Rectifier IRF7807D2 Datasheet HTML 6Page - International Rectifier IRF7807D2 Datasheet HTML 7Page - International Rectifier IRF7807D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• Co-Pack N-channel HEXFET® Power MOSFET
and Schottky Diode
• Ideal for Synchronous Rectifiers in DC-DC
Converters up to 5A Output
• Low Conduction Losses
• Low Switching Losses
• Low Vf Schottky Rectifier
FETKY™ MOSFET / SCHOTTKY DIODE
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
50
°C/W
Thermal Resistance
Description
The FETKY™ family of Co-Pack HEXFET® MOSFETs
and Schottky diodes offers the designer an innovative,
board space saving solution for switching regulator and
power management applications. HEXFET power
MOSFETs utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
Combining this technology with International Rectifier’s
low forward drop Schottky rectifiers results in an extremely
efficient device suitable for use in a wide variety of
portable electronics applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics. The SO-
8 package is designed for vapor phase, infrared or wave
soldering techniques.
Top View
8
1
2
3
4
5
6
7
A/S
A/S
A/S
G
K/D
K/D
D
K/D
K/D
IRF7807D2
PD- 93762
www.irf.com
1
11/8/99
IRF7807D2
V
DS
30V
R
DS(on)
25m
Ω
Q
g
14nC
Q
SW
5.2nC
Q
oss
21.6nC
Device Features (Max Values)
SO-8
Parameter
Symbol
Max.
Units
Drain-Source Voltage
V
DS
30
Gate-Source Voltage
V
GS
±12
Continuous Drain or Source
25°C
I
D
8.3
Current (V
GS ≥ 4.5V)
70°C
6.6
A
Pulsed Drain Current

I
DM
66
Power Dissipation
25°C
P
D
2.5
70°C
1.6
Schottky and Body Diode
25°C
I
F (AV)
3.7
A
Average ForwardCurrent
„
70°C
2.3
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Absolute Maximum Ratings
V
W


Similar Part No. - IRF7807D2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
FETKY??MOSFET / SCHOTTKY DIODE
More results

Similar Description - IRF7807D2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807D1 IRF-IRF7807D1 Datasheet
165Kb / 8P
MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7421D1 IRF-IRF7421D1 Datasheet
119Kb / 8P
MOSFET & Schottky Diode
IRF7534D1PBF IRF-IRF7534D1PBF Datasheet
385Kb / 8P
MOSFET SCHOTTKY DIODE
IRF7421D1 IRF-IRF7421D1_98 Datasheet
178Kb / 8P
MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com