Electronic Components Datasheet Search
  English  ▼

X  

IRF7807VD2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807VD2
Description  FETKY??MOSFET / SCHOTTKY DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VD2 Datasheet(HTML) 1 Page - International Rectifier

  IRF7807VD2 Datasheet HTML 1Page - International Rectifier IRF7807VD2 Datasheet HTML 2Page - International Rectifier IRF7807VD2 Datasheet HTML 3Page - International Rectifier IRF7807VD2 Datasheet HTML 4Page - International Rectifier IRF7807VD2 Datasheet HTML 5Page - International Rectifier IRF7807VD2 Datasheet HTML 6Page - International Rectifier IRF7807VD2 Datasheet HTML 7Page - International Rectifier IRF7807VD2 Datasheet HTML 8Page - International Rectifier IRF7807VD2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
Maximum Junction-to-Ambient
S
R
θJA
50
°C/W
Maximum Junction-to-Lead
R
θJL
20
°C/W
Thermal Resistance
IRF7807VD2
03/05/01
IRF7807VD2
R
DS(on)
17m
Ω
Q
G
9.5nC
Q
sw
3.4nC
Q
oss
12nC
DEVICE CHARACTERISTICS
U
SO-8
FETKY™ MOSFET / SCHOTTKY DIODE
Top View
8
1
2
3
4
5
6
7
A/S
A/S
A/S
G
K/D
K/D
D
K/D
K/D
• Co-Pack N-channel HEXFETPower MOSFET
and Schottky Diode
• Ideal for Synchronous Rectifiers in DC-DC
Converters Up to 5A Output
• Low Conduction Losses
• Low Switching Losses
• Low Vf Schottky Rectifier
Description
The FETKY™ family of Co-Pack HEXFETMOSFETs and
Schottky diodes offers the designer an innovative, board
space saving solution for switching regulator and power
management applications. HEXFET power MOSFETs
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. Combining
this technology with International Rectifier’s low forward
drop Schottky rectifiers results in an extremely efficient
device suitable for use in a wide variety of portable
electronics applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics. The SO-
8 package is designed for vapor phase, infrared or wave
soldering techniques.
Parameter
Symbol
Max.
Units
Drain-Source Voltage
V
DS
30
Gate-Source Voltage
V
GS
±20
Continuous Drain or Source
25°CI
D
8.3
Current (V
GS ≥ 4.5V)
70°C6.6
A
Pulsed Drain Current
Q
I
DM
66
Power Dissipation
S
25°CP
D
2.5
70°C1.6
Schottky and Body Diode
25°C
I
F (AV)
3.7
A
Average ForwardCurrent
T
70°C2.3
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Absolute Maximum Ratings
V
W
www.irf.com
1
PD-94079


Similar Part No. - IRF7807VD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2PbF IRF-IRF7807VD2PbF Datasheet
143Kb / 9P
Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
IRF7807VD2TRPBF IRF-IRF7807VD2TRPBF Datasheet
143Kb / 9P
Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
More results

Similar Description - IRF7807VD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
FETKY MOSFET / SCHOTTKY DIODE
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com