Electronic Components Datasheet Search
  English  ▼

X  

SCS425D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS425D
Description  0.1AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS425D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS425D_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS425D_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SCS425D
VOLTAGE 40V
SC-59 Types
0.1AMP Surface Mount Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES (SCS425D)
!
!
!
!Electrical characteristic curves
(Ta = 25
°C)
0
1
100m
10m
1m
100
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
pulse measurement
T yp.
F OR WAR D V OLT AG E
: V F (V )
F ig. 1 F orward characteristics
0
5
10
15
20
25
30
35
0.1
1
100
10
1m
10m
pulse measurement
T yp.
R E V E R S E V OLT AG E :
V R (V )
F ig. 2 R everse characteristics
75 C
25 C
T a 125 C
0
5
10
15
20
25
0.1
1
10
100
R E V E R S E V OLT AG E
: V R (V )
F ig. 3 C apacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMB IE NT T E MP E R AT UR E : T
a ( C )
F ig. 4 Derating curve
(mounting on glass epoxy P C B s)
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com