Electronic Components Datasheet Search
  English  ▼

X  

SCS520S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS520S
Description  0.2 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS520S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS520S_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS520S_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS520S
VOLTAGE 30V
0.2 Amp Surface Mount Schottky Barrier Rectifiers
ELECTRICAL CHARACTERISTICS ( Ta=25
)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
-25 C
O
0
10
20
30
Ta=125 C
75 C
25 C
O
O
O
1
10
100
1m
10m
100m
1
FORWARD VOLTAGE :VF (V)
Fig. 1 Forward characteristics
1n
10n
100n
1
10
100
1m
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
0
10
20
30
1
10
100
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
f 1MHz
AMBIENT TEMPERATURE :Ta (OC)
Fig 4. Derating curve
(mounting on glass epoxy PCBs)
01-Jun-2002 Rev. A
Page 2 of 2
0
0
20
40
60
80
100
25
50
75
100
125



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com