Electronic Components Datasheet Search
  English  ▼

X  

856992 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856992
Description  1882.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856992 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856992 Datasheet HTML 1Page - TriQuint Semiconductor 856992 Datasheet HTML 2Page - TriQuint Semiconductor 856992 Datasheet HTML 3Page - TriQuint Semiconductor 856992 Datasheet HTML 4Page - TriQuint Semiconductor 856992 Datasheet HTML 5Page - TriQuint Semiconductor 856992 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856992
1882.5 MHz SAW Filter
Data Sheet: Rev C 09/20/12
- 1 of 6 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Applications
•
General purpose wireless
•
Wireless infrastructure
•
Base Station Applications
Product Features
Functional Block Diagram
Top view
•
Usable bandwidth 65 MHz
•
Low loss
•
Excellent power handling
•
Single-ended operation
•
Ceramic Surface Mount Package (SMP)
•
Matching required for operation at 50
•
Small Size: 3.00 x 3.00 x 1.22 mm
•
Hermetically sealed
•
RoHS compliant, Pb-free
General Description
Pin Configuration
856992 is a general purpose Uplink filter for Band 25. This
filter was specifically designed in a 3x3mm hermetic
package for base station applications and is part of our wide
portfolio of RF filters in the same package.
Low insertion loss, coupled with high attenuation and
excellent power handling, makes this filter a natural choice
for our customers’ Uplink RF filtering needs.
Pin # SE
Description
2
Input
5
Output
1,3,4,6
Case Ground
Ordering Information
Part No.
Description
856992
packaged part
856992-EVB
evaluation board
Standard T/R size = 5000 units/reel.
4
2
3
1
6
5
Input
Output
Gnd
Gnd
Gnd
Gnd


Similar Part No. - 856992

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856990 TRIQUINT-856990 Datasheet
636Kb / 6P
403.5 MHz SAW Filter
856990-EVB TRIQUINT-856990-EVB Datasheet
636Kb / 6P
403.5 MHz SAW Filter
856990 TRIQUINT-856990_15 Datasheet
636Kb / 6P
403.5 MHz SAW Filter
856999 TRIQUINT-856999 Datasheet
272Kb / 1P
833/878 MHz Duplexer
856999-EVB TRIQUINT-856999-EVB Datasheet
272Kb / 1P
833/878 MHz Duplexer
More results

Similar Description - 856992

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074A TAI-SAW-TA1074A Datasheet
372Kb / 7P
SAW Filter 1882.5 MHz
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
1882.5 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2233E MURATA-SF2233E Datasheet
812Kb / 5P
1882.5 MHz SAW Filter
logo
TriQuint Semiconductor
885048 TRIQUINT-885048_15 Datasheet
410Kb / 6P
1882.5 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074B TAI-SAW-TA1074B Datasheet
213Kb / 8P
SAW Filter 1882.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com