Electronic Components Datasheet Search
  English  ▼

X  

857031 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857031
Description  826 MHz Notch Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857031 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857031 Datasheet HTML 1Page - TriQuint Semiconductor 857031 Datasheet HTML 2Page - TriQuint Semiconductor 857031 Datasheet HTML 3Page - TriQuint Semiconductor 857031 Datasheet HTML 4Page - TriQuint Semiconductor 857031 Datasheet HTML 5Page - TriQuint Semiconductor 857031 Datasheet HTML 6Page - TriQuint Semiconductor 857031 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
857031
826 MHz Notch Filter
Data Sheet: Rev B 01/19/12
- 2 of 7 -
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -30 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
826
-
MHz
Maximum Insertion Loss
746 – 756 MHz
777– 787 MHz
-
-
0.5
0.65
0.75
0.9
dB
dB
Amplitude Variation
746 – 756 MHz
777– 787 MHz
-
-
0.05
0.15
0.1
0.25
dB p-p
dB p-p
Absolute Attenuation
824 – 828 MHz
1564 – 1574 MHz
1574 – 1577 MHz
2331 – 2361 MHz
2400 – 2484 MHz
28
2
2
5
5
32
4
4
8
8
-
-
-
-
-
dB
dB
dB
dB
dB
Input /Output Return Loss
746 – 756 MHz
777– 787 MHz
15
15
20
20
-
-
dB
dB
IMD3 product
(5)
-
-105
dBm
Source Impedance (single-ended)
(5)
-
50
-
Ω
Load Impedance (single-ended)
(5)
-
50
-
Ω
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. All power levels are referenced to the antenna port. Two CW tones are applied at frequencies f1 and f2, and the resultant intermodulation
product in the 746-756 MHz band is measured. The first tone (f1 = 785 to 787 MHz, 24 dBm referenced to the antenna port) is applied at the
input port. The second tone (f2 = 824 to 828 MHz, 13 dBm referenced to the antenna port) is applied at the output port. The intermodulation
product is measured at 746 to 750 MHz
Absolute Maximum Ratings (6)
Parameter
Rating
Operating Temperature
-30 to +85
oC
Storage Temperature
-40 to +85
oC
Input Power
(7)
+29 dBm
6. Operation of this device outside the parameter ranges given above may cause permanent damage.
7. All ports matched to 50 Ohms. (55
oC, equivalent 5000 hours).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com