Electronic Components Datasheet Search
  English  ▼

X  

857038 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857038
Description  836.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857038 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857038 Datasheet HTML 1Page - TriQuint Semiconductor 857038 Datasheet HTML 2Page - TriQuint Semiconductor 857038 Datasheet HTML 3Page - TriQuint Semiconductor 857038 Datasheet HTML 4Page - TriQuint Semiconductor 857038 Datasheet HTML 5Page - TriQuint Semiconductor 857038 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857038
836.5 MHz SAW Filter
Data Sheet: Rev B 11/03/11
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -40 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
836.5
-
MHz
Maximum Insertion Loss
824 – 849 MHz
-
2.3
3.0
dB
Amplitude Variation
824 – 849 MHz
-
1.0
2.0
dB p-p
Absolute Attenuation
(5)
10 – 800 MHz
869 – 894 MHz
1574.42 – 1576.42 MHz
1638 – 1708 MHz
1930 – 1990 MHz
2110 – 2170 MHz
2462 – 2557 MHz
3286 – 3406 MHz
30
40
28
27
25
24
20
18
45
50
39
38
35
34
33
30
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Input Return Loss
824 – 849 MHz
8.5
10
-
dB
Output Return Loss
824 – 849 MHz
8.5
10
-
dB
Source Impedance (Single-ended)
(6)
-
50
-
Load Impedance (Single-ended)
(6)
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to zero dB.
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
(7)
-40 to +85
oC
Storage Temperature
-40 to +85
oC
7.
Device may operate over this range with degraded Electrical Specifications
Operation of this device outside the parameter ranges given above may cause permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com