Electronic Components Datasheet Search
  English  ▼

X  

857074 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857074
Description  447.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857074 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857074 Datasheet HTML 1Page - TriQuint Semiconductor 857074 Datasheet HTML 2Page - TriQuint Semiconductor 857074 Datasheet HTML 3Page - TriQuint Semiconductor 857074 Datasheet HTML 4Page - TriQuint Semiconductor 857074 Datasheet HTML 5Page - TriQuint Semiconductor 857074 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857074
447.5 MHz SAW Filter
Data Sheet: Rev - 05/10/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1, 2)
Specified Temperature Range:
(3) +10 to +75 ºC
Parameter
(4)
Conditions
Min
Typical
(5)
Max
Units
Center Frequency, fo
(6)
-
447.8
-
MHz
Insertion Loss
at fo
-
14.1
17
dB
1.0dB Bandwidth
(11)
27.7
28.16
-
MHz
1.0 dB Lower Bandedge
(7)
1.0 dB Upper Bandedge
-
460.5
433.6
461.8
434.5
-
MHz
MHz
35 dB Bandwidth
(11)
-
34.2
34.5
MHz
Passband Flatness
(8)
over fo +/- 12.5 MHz
-
0.5
1.00
dB p-p
Absolute Delay
over fo +/- 12.5 MHz
-
0.68
0.72
µs
Group Delay Ripple
(9)
over fo +/- 12.5 MHz
-
31
80
ns p-p
Group Delay Ripple
(9)
any 3.84 MHz channel over fo
+/- 12.5 MHz
-
30
80
ns p-p
EVM
(10)
over fo+/- 12.5 MHz
-
1.4
3.0
%
Temperature Coefficient
-
-20
-
ppm/ ºC
Input Return Loss
over fo +/- 12.5 MHz
11
17.3
-
dB
Output Return Loss
over fo +/- 12.5 MHz
8.5
22
-
dB
Stopband Attenuation
(11)
5 – 100 MHz
150 – 310 MHz
310 – 429.5 MHz
469.5 – 500 MHz
500 – 920 MHz
50
52
37
39
40
73
63
44
45
53
-
-
-
-
-
dB
dB
dB
dB
dB
Source Impedance (balanced)
(12)
-
100
-
Load Impedance (balanced)
(12)
-
100
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
An external impedance matching network will be necessary to achieve the proposed specifications
3.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
4.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
5.
Typical values are based on average measurements of 20 devices at room temperature
6.
Center Frequency is defined as the midpoint between 1dB, relative to minimum loss, bandedges.
7.
1.0 dB Bandedges are relative to loss at Center Frequency, fo
8.
Passband Flatness is defined as the difference between maximum and minimum loss over the specified band
9.
This ripple is defined as the worst peak to adjacent valley within specified frequency range
10. The EVM specification is guaranteed by design and measured approximately in production
11. All bandwidths and attenuations are relative to loss at Center Frequency, fo
12. This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operable Temperature
-40 to +85
oC
Storage Temperature
-40 to +85
oC
Input Power
+10dBm (measured with continuous sine wave signal. Expected lifetime of greater
than or equal to 10,000 Hrs at 55
oC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com