Electronic Components Datasheet Search
  English  ▼

X  

857167 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857167
Description  1000 MHz SAW Non Dispersive Delay Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857167 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857167 Datasheet HTML 1Page - TriQuint Semiconductor 857167 Datasheet HTML 2Page - TriQuint Semiconductor 857167 Datasheet HTML 3Page - TriQuint Semiconductor 857167 Datasheet HTML 4Page - TriQuint Semiconductor 857167 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
857167
1000 MHz SAW Non Dispersive Delay Line
Preliminary Data Sheet: Rev - 6/28/12
- 2 of 5 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2)
-55 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1000
-
MHz
Insertion Loss
700 – 1300 MHz
-
33.7
40
dB
3 dB Bandwidth
675
705
-
MHz
Amplitude Variation
(5)
700 – 1300 MHz
-
1.5
3
dB
Absolute Delay
-
2.5
-
µs
Absolute Attenuation
(6)
10 – 450 MHz
1625 – 2000 MHz
70
70
82
76
-
-
dB
dB
Input VSWR
700 – 1300 MHz
-
4.5:1
5.5:1
Output VSWR
700 – 1300 MHz
-
5.1:1
6.5:1
Source Impedance (single-ended)
(7)
-
50
-
Ω
Load Impedance (single-ended)
(7)
-
50
-
Ω
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3.
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature.
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances.
4. Typical values are based on average measurements at room temperature.
5. Is defined as the difference between the maximum and minimum loss within the specified frequency range.
6. Relative to 0 dB.
7. This is the optimum impedance in order to achieve the performance shown.
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-55 to +85
oC
Storage Temperature
-55 to +105
oC
Operation of this device outside the parameter ranges given above may cause permanent damage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com