Electronic Components Datasheet Search
  English  ▼

X  

IRF840AL Datasheet(PDF) 1 Page - International Rectifier

Part # IRF840AL
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF840AL Datasheet(HTML) 1 Page - International Rectifier

  IRF840AL Datasheet HTML 1Page - International Rectifier IRF840AL Datasheet HTML 2Page - International Rectifier IRF840AL Datasheet HTML 3Page - International Rectifier IRF840AL Datasheet HTML 4Page - International Rectifier IRF840AL Datasheet HTML 5Page - International Rectifier IRF840AL Datasheet HTML 6Page - International Rectifier IRF840AL Datasheet HTML 7Page - International Rectifier IRF840AL Datasheet HTML 8Page - International Rectifier IRF840AL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
12/16/99
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg Results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss Specified (See AN 1001)
VDSS
RDS(on) max
ID
500V
0.85
Ω
8.0A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V†
8.0
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V†
5.1
A
IDM
Pulsed Drain Current
†
32
PD @TC = 25°C
Power Dissipation
125
W
PD @TA = 25°C
Power Dissipation
3.1
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 10
Typical SMPS Topologies
l Two Transistor Forward
l Haft Bridge
l Full Bridge
IRF840AS
IRF840AL
D2Pak
IRF840AS
TO-262
IRF840AL
PD- 91901B


Similar Part No. - IRF840AL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840AL IRF-IRF840AL Datasheet
667Kb / 10P
SMPS MOSFET HEXFET짰 Power MOSFET
logo
TRANSYS Electronics Lim...
IRF840AL TEL-IRF840AL Datasheet
156Kb / 2P
Power MOSFET
logo
Vishay Siliconix
IRF840AL VISHAY-IRF840AL Datasheet
919Kb / 8P
Power MOSFET
07-Jul-08
IRF840AL VISHAY-IRF840AL Datasheet
234Kb / 10P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF840ALPBF IRF-IRF840ALPBF Datasheet
667Kb / 10P
SMPS MOSFET HEXFET짰 Power MOSFET
More results

Similar Description - IRF840AL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com