Electronic Components Datasheet Search
  English  ▼

X  

TXS10P Datasheet(PDF) 1 Page - Topstek Inc.

Part # TXS10P
Description  Anti-Magnet AC Current Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TXS10P Datasheet(HTML) 1 Page - Topstek Inc.

  TXS10P Datasheet HTML 1Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anti-Magnet AC Current Sensors TXS10P-100A
- 123 -
www.topstek.com
TXS10P
V080619
7/1/2008
TXS10P-100A
Features
iHigh reliability AC current measurement device
iExternal magnetic field anti-tamper shield
iQuick response speed, very low phase lag
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC3KV)
iAll materials used are RoHS compliant
iFlame-Retardant plastic case and silicone encapsulant, using UL 94V0
classified materials.
Applications
iADC inputs
iPower meters
iOver current detection
iGround Fault detection
iIsolated AC current monitoring
iGeneral 50/60Hz current sensing
Specifications
Parameter
Symbol
Unit
TXS10P-100A
Nominal Input Current
IFN
ARMS
100
Measuring Range
IFS
ARMS
200
Output Voltage IF =IFN ( RL=100)
VFN
VRMS
4
Secondary Turns *1
N
-
2500 nominal
Secondary DC Resistance
RDC
< 125, TA=25°C
Accuracy Over Working Range *1
%
Within ±0.2%
IF = 0.1 IFN
1.0 IFN
Dielectric Strength
-
V
AC3KV X 60 sec
Isolation Resistance @ 1000 VDC
RIS
M
> 500 M
Operating Temperature
Ta
°C
-20°C to 100°C
Storage Temperature
Ts
°C
-20°C to 125°C
Mass
W
g
90g
*1. The number of secondary turns for each part model might be adjusted for the best accuracy of output voltage at nominal input current level.
Appearance, dimensions and pin identification (All dimensions in mm ±0.3, holes –0, +0.3 except otherwise noted)


Similar Part No. - TXS10P

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TXS10P-100A TOPSTEK-TXS10P-100A Datasheet
138Kb / 1P
Anti-Magnet AC Current Sensors
More results

Similar Description - TXS10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNS250 ETC2-BNS250 Datasheet
55Kb / 2P
Coded-Magnet Sensors
logo
Topstek Inc.
TXS10P-100A TOPSTEK-TXS10P-100A Datasheet
138Kb / 1P
Anti-Magnet AC Current Sensors
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
AC CURRENT SENSORS
logo
TDK Electronics
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
Clamp AC Current Sensors
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
Clamp AC Current Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com