Electronic Components Datasheet Search
  English  ▼

X  

IRF940 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF940
Description  Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF940 Datasheet(HTML) 5 Page - International Rectifier

  IRF940 Datasheet HTML 1Page - International Rectifier IRF940 Datasheet HTML 2Page - International Rectifier IRF940 Datasheet HTML 3Page - International Rectifier IRF940 Datasheet HTML 4Page - International Rectifier IRF940 Datasheet HTML 5Page - International Rectifier IRF940 Datasheet HTML 6Page - International Rectifier IRF940 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF9410
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
0
200
400
600
800
1000
1
1 0
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH O RTE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rs s
gd
o ss
ds
g d
C iss
C os s
C rs s
0
6
12
18
24
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
2.0A
V
= 15V
DS
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com