Electronic Components Datasheet Search
  English  ▼

X  

IRF9630S Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9630S
Description  Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9630S Datasheet(HTML) 4 Page - International Rectifier

  IRF9630S Datasheet HTML 1Page - International Rectifier IRF9630S Datasheet HTML 2Page - International Rectifier IRF9630S Datasheet HTML 3Page - International Rectifier IRF9630S Datasheet HTML 4Page - International Rectifier IRF9630S Datasheet HTML 5Page - International Rectifier IRF9630S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com