Electronic Components Datasheet Search
  English  ▼

X  

UPD16634A Datasheet(PDF) 13 Page - NEC

Part # UPD16634A
Description  300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16634A Datasheet(HTML) 13 Page - NEC

Back Button UPD16634A Datasheet HTML 9Page - NEC UPD16634A Datasheet HTML 10Page - NEC UPD16634A Datasheet HTML 11Page - NEC UPD16634A Datasheet HTML 12Page - NEC UPD16634A Datasheet HTML 13Page - NEC UPD16634A Datasheet HTML 14Page - NEC UPD16634A Datasheet HTML 15Page - NEC UPD16634A Datasheet HTML 16Page - NEC UPD16634A Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet S12595EJ2V0DS00
13
µµµµPD16634A
Electrical Characteristics (TA = –10 to +75
°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 8.0 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input leakage current
IIL
±1.0
µA
High-level output voltage
VOH
STHR(STHL),IO=0 mA
VDD1
−0.1
V
Low-level output voltage
VOL
STHR(STHL),IO=0 mA
0.1
V
γ -corrected supply current
Iγ
V0
−V9 = 8 V
V0,V9
0.3
0.6
mA
Driver output current
IVOH
VX=7 V, VOUT=1 V
Note1
−0.5
mA
IVOL
VX=1 V, VOUT=7 V
Note1
0.5
mA
Output voltage deviation
Note2
∆VO
Input data : 00H to 3FH
±5
±20
mV
Average output voltage variation
Note3
∆VAV
Input data : 00H to 3FH
±10
mV
Output voltage range
VO
Input data : 00H to 3FH
0.1
VDD2
−0.1
V
Logic part dynamic current
consumption
Notes4,5
IDD1
VDD1, when with no load
0.5
3.5
mA
Driver part dynamic current
consumption
Notes4,5
IDD2
VDD2, when with no load
2.2
8.0
mA
Notes 1. VX refers to the output voltage of analog output pins S1 to S300.
VOUT refers to the voltage applied to analog output pins S1 to S300.
2. The output voltage deviation refers to the voltage difference between adjoining output pins when the
display data is the same (within the chip).
3. The average output voltage variation refers to the average output voltage difference between chips. The
average output voltage refers to the average voltage between chips when the display data is the same.
4. The STB cycle is defined to be 20
µs at fCLK = 40 MHz. The TYP. values refer to an all black or all white
input pattern. The MAX. value refers to the measured values in the dot checkerboard input pattern.
5. Refers to the current consumption per driver when cascades are connected under the assumption of
SVGA single-sided mounting (10 units).
Switching Characteristics (TA =
−−−−10 to +75 °°°°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 8.0 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Start pulse delay time
tPLH1
CL = 25 pF
13
20
ns
Driver output delay time
tPHL2
CL = 125 pF, RL = 4 k
ΩNote
3.7
8
µs
tPHL3
5.3
14
µs
tPLH2
3.0
8
µs
tPLH3
5.3
14
µs
Input capacitance
C1
STHR,STHL excluded, TA = 25
°C
5.4
15
pF
C2
7.6
15
pF
Note Load condition
output
CL
CL
CL
RL
RL
RL
RL = 1k
Ω
CL = 25pF
CL
RL
CL
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com