Electronic Components Datasheet Search
  English  ▼

X  

885053 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 885053
Description  1880 MHz BAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885053 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  885053_15 Datasheet HTML 1Page - TriQuint Semiconductor 885053_15 Datasheet HTML 2Page - TriQuint Semiconductor 885053_15 Datasheet HTML 3Page - TriQuint Semiconductor 885053_15 Datasheet HTML 4Page - TriQuint Semiconductor 885053_15 Datasheet HTML 5Page - TriQuint Semiconductor 885053_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
885053
1880 MHz BAW Filter
Data Sheet: Rev D 09-17-2014
- 4 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Performance Plots
Test conditions unless otherwise noted: Temp= +25°C
Frequency Response
d
B
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
1755
1817.5
1880
1942.5
2005
Passband Response
d
B
Frequency (MHz)
-12
-10.5
-9
-7.5
-6
-4.5
-3
-1.5
0
1820
1850
1880
1910
1940
Wideband Response
d
B
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
5
1255
2505
3755
5005
Input / Output VSWR
L
i
n
M
a
g
L
i
n
M
a
g
Frequency (MHz)
n
s
e
c
d
e
g
1
1.5
2
2.5
3
1820
1850
1880
1910
1940
1
1.5
2
2.5
3
1820
1850
1880
1910
1940
Input Smith Chart
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0.2
0.4
0.6
0.8
1
-1
-0 .5
0
0.5
1
Output Smith Chart
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0.2
0.4
0.6
0.8
1
-1
-0 .5
0
0.5
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com