Electronic Components Datasheet Search
  English  ▼

X  

PS9121 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9121
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9121 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9121 Datasheet HTML 3Page - Renesas Technology Corp PS9121 Datasheet HTML 4Page - Renesas Technology Corp PS9121 Datasheet HTML 5Page - Renesas Technology Corp PS9121 Datasheet HTML 6Page - Renesas Technology Corp PS9121 Datasheet HTML 7Page - Renesas Technology Corp PS9121 Datasheet HTML 8Page - Renesas Technology Corp PS9121 Datasheet HTML 9Page - Renesas Technology Corp PS9121 Datasheet HTML 10Page - Renesas Technology Corp PS9121 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ELECTRICAL CHARACTERISTICS (TA =
−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 3.3 V, VF = 0.8 V
1
80
μA
VCC = VO = 5.5 V, VF = 0.8 V
1
*2
Low Level Output Voltage
*3
VOL
VCC = 3.3 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.2
*2
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA, VO = Open
4
7
mA
VCC = 5.5 V, IF = 0 mA, VO = Open
5
*2
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 10 mA, VO = Open
7
10
VCC = 5.5 V, IF = 10 mA, VO = Open
9
*2
Coupled Threshold Input Current
IFHL
VCC = 3.3 V, VO = 0.8 V, RL = 350
Ω
2.5
5
(H
→ L)
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
2.5
*2
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
tPHL
TA = 25
°C
40
75
ns
(H
→ L)*4
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
100
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
37
*2
Propagation Delay Time
tPLH
TA = 25
°C
45
75
(L
→ H)*4
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
100
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
40
*2
Rise Time
tr
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
20
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
20
*2
Fall Time
tf
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
5
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
5
*2
Pulse Width Distortion
⏐tPHL-tPLH⏐ VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
5
35
(PWD)
*4
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
3
*2
Propagation Delay Skew
tPSK
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
40
CMH
VCC = 3.3 V, RL = 350
Ω, TA = 25°C,
IF = 0 mA, VO
> 2 V, VCM = 1 kV
15
20
kV/
μs
Common Mode
Transient Immunity at High
Level Output
*5
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 0 mA, VO
> 2 V, VCM = 1 kV
20
*2
CML
VCC = 3.3 V, RL = 350
Ω, TA = 25°C,
IF = 7.5 mA, VO
< 0.8 V, VCM = 1 kV
15
20
Common Mode
Transient Immunity at Low
Level Output
*5
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 7.5 mA, VO
< 0.8 V, VCM = 1 kV
20
*2
Data Sheet PN10502EJ05V0DS
5
PS9121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com