Electronic Components Datasheet Search
  English  ▼

X  

PS9552L1 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # PS9552L1
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9552L1 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button PS9552L1 Datasheet HTML 15Page - Renesas Technology Corp PS9552L1 Datasheet HTML 16Page - Renesas Technology Corp PS9552L1 Datasheet HTML 17Page - Renesas Technology Corp PS9552L1 Datasheet HTML 18Page - Renesas Technology Corp PS9552L1 Datasheet HTML 19Page - Renesas Technology Corp PS9552L1 Datasheet HTML 20Page - Renesas Technology Corp PS9552L1 Datasheet HTML 21Page - Renesas Technology Corp PS9552L1 Datasheet HTML 22Page - Renesas Technology Corp PS9552L1 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet PN10589EJ07V0DS
17
PS9552,PS9552L1,PS9552L2,PS9552L3
RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
D
A
Part Number
PS9552L2
PS9552L3
Lead Bending
A
lead bending type (Gull-wing)
for long creepage distance (surface mount)
lead bending type (Gull-wing)
for surface mount
10.2
8.2
B
2.54
2.54
C
1.7
1.7
D
2.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com