Electronic Components Datasheet Search
  English  ▼

X  

PS9552L2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9552L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9552L2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9552L2 Datasheet HTML 4Page - Renesas Technology Corp PS9552L2 Datasheet HTML 5Page - Renesas Technology Corp PS9552L2 Datasheet HTML 6Page - Renesas Technology Corp PS9552L2 Datasheet HTML 7Page - Renesas Technology Corp PS9552L2 Datasheet HTML 8Page - Renesas Technology Corp PS9552L2 Datasheet HTML 9Page - Renesas Technology Corp PS9552L2 Datasheet HTML 10Page - Renesas Technology Corp PS9552L2 Datasheet HTML 11Page - Renesas Technology Corp PS9552L2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet PN10589EJ07V0DS
6
PS9552,PS9552L1,PS9552L2,PS9552L3
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Peak Transient Forward
Current (Pulse Width < 1
μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Detector
High Level Peak Output
Current
*1
IOH (PEAK)
2.5
A
Low Level Peak Output
Current
*1
IOL (PEAK)
2.5
A
Supply Voltage
(VCC - VEE)
0 to 35
V
Output Voltage
VO
0 to VCC
V
Power Dissipation
*2
PC
250
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Total Power Dissipation
*4
PT
300
mW
Operating Frequency
*5
f
50
kHz
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*2 Reduced to 4.8 mW/
°C at TA = 70°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
*4 Reduced to 5.4 mW/
°C at TA = 70°C or more.
*5 IOH (PEAK)
≤ 2.0 A (≤ 0.3
μs), IOL (PEAK) ≤ 2.0 A (≤ 0.3 μs)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
(VCC - VEE)
15
30
V
Forward Current (ON)
IF (ON)
7
10
16
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com