Electronic Components Datasheet Search
  English  ▼

X  

UPD16641 Datasheet(PDF) 2 Page - NEC

Part # UPD16641
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16641 Datasheet(HTML) 2 Page - NEC

  UPD16641 Datasheet HTML 1Page - NEC UPD16641 Datasheet HTML 2Page - NEC UPD16641 Datasheet HTML 3Page - NEC UPD16641 Datasheet HTML 4Page - NEC UPD16641 Datasheet HTML 5Page - NEC UPD16641 Datasheet HTML 6Page - NEC UPD16641 Datasheet HTML 7Page - NEC UPD16641 Datasheet HTML 8Page - NEC UPD16641 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
µµµµPD16641
1. BLOCK DIAGRAM
80-bit bidirectional shift register
C1 C2
C79 C80
STHL
VDD1 (3.3 V)
VSS1
STHR
R/L
CLK
Data register
D00 to 05
D10 to 15
D20 to 25
Latch
STB
D/A converter
VDD2 (3.3/5.0 V)
Vsel
Output buffer
VSS2
S1
S2
S3
S240
V0 to V10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com