Electronic Components Datasheet Search
  English  ▼

X  

SCS751V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751V
Description  0.03 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS751V_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751V_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS751V-40
VOLTAGE 40V
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SOD-323 (SC-76)
FEATURES
. RoHS Compliant Product
. Small Surface Mounting Type
. Low Reverse Current and Low Forward Voltage
. High Reliability
. High Speed Switching
MECHANICAL DATA
. Case: Molded Plastic, JEDEC SOD-323(SC-76)
. Terminals: Solder Plated, Solderable per MIL-STD-750,
Method 2026
. Polarity: Indicated by Cathode Band
. Mounting Position: Any
. Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
a
C
O
mbient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
CONDITIONS
SYMBOL
Min.
Typ.
Max.
UNITS
Repetitive Peak Reverse Voltage
VRM
40
V
Continuous Reverse Voltage
VR
30
V
Forward Voltage
IF = 1mA DC
VF
0.37
V
Reverse Current
VR = 30V DC
IR
0.5
µA
Mean Rectifying Current
IO
30
mA
8.3ms Single Half Sine-Wave Superimposed
Forward Surge Current
on Rated Load (JEDEC Method)
IFSM
200
mA
Capacitance between terminals
VR = 1V, f = 1MHz
CT
2.0
pF
Operating Temperature
TJ
125
Storage Temperature
TSTG
-40
+125
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Marking Code: JV, 5
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jul-2009 Rev. B
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS751V_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751V-40 SECOS-SCS751V-40 Datasheet
129Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40_09 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS751V_15

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS715W SECOS-SCS715W Datasheet
240Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS731DW SECOS-SCS731DW Datasheet
153Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
SCS751G SECOS-SCS751G Datasheet
150Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S Datasheet
79Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40 Datasheet
129Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S_09 Datasheet
73Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40_09 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_16 Datasheet
360Kb / 2P
0.03 AMP Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com