Electronic Components Datasheet Search
  English  ▼

X  

SD103AX Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103AX
Description  Schottky Plastic-Encapsulated Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103AX Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD103AX_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103AX_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD103AX
40V , 0.35A
Schottky Plastic-Encapsulated Diode
0
3-Aug-2012 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Low Reverse Recovery Time
Low Reverse Capacitance
MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
8K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak reverse voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current @ t ≦ 1.0s
IFRM
1
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient Air
RθJA
667
°C / W
Storage temperature
TJ, TSTG
125, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Reverse breakdown voltage
V(BR)R
40
-
V
IR= 100µA
Reverse current
IRM
-
-
5
uA
VR=30V
-
-
0.37
IF=20mA
Forward voltage
VF
0.6
V
IF=200mA
Capacitance between terminals
CT
-
50
-
pF
VR=0, f=1MHz
Reveres recovery time
trr
-
10
-
nS
IF=IR=200mA,
IRR=0.1XIR, RL=100Ω
SOD-523
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20
S4


Similar Part No. - SD103AX_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX_12 Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX_12 Datasheet
193Kb / 3P
Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX_16 Datasheet
245Kb / 3P
Schottky Barrier Diode
More results

Similar Description - SD103AX_15

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
SD103AX SECOS-SD103AX_12 Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
BAV23 SECOS-BAV23_15 Datasheet
399Kb / 2P
Plastic Encapsulated Schottky Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com