Electronic Components Datasheet Search
  English  ▼

X  

IRFBA1405P Datasheet(PDF) 9 Page - International Rectifier

Part # IRFBA1405P
Description  Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405P Datasheet(HTML) 9 Page - International Rectifier

  IRFBA1405P Datasheet HTML 1Page - International Rectifier IRFBA1405P Datasheet HTML 2Page - International Rectifier IRFBA1405P Datasheet HTML 3Page - International Rectifier IRFBA1405P Datasheet HTML 4Page - International Rectifier IRFBA1405P Datasheet HTML 5Page - International Rectifier IRFBA1405P Datasheet HTML 6Page - International Rectifier IRFBA1405P Datasheet HTML 7Page - International Rectifier IRFBA1405P Datasheet HTML 8Page - International Rectifier IRFBA1405P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFBA1405P
www.irf.com
9
Super-220™ Package Outline
LEAD ASSIGNMENT S
2 - DRAIN
1 - GAT E
MOS F ET
4 - DRAIN
3 - S OURCE
4 - COLLECT OR
3 - EMITTER
2 - COLLECT OR
1 - GAT E
IGBT
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting T
J = 25°C, L = 0.11mH
RG = 25Ω, IAS = 101A. (See Figure 12).
ƒ I
SD ≤ 101A, di/dt ≤ 210A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .Refer to AN-1001
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 95A.
‡ Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
2X
A
12
3
3X
0.25 [.010]
B A
B
4X
4
0.25 [.010]
B A
3.00 [.118]
2.50 [.099]
14.50 [.570]
13.00 [.512]
4.00 [.157]
3.50 [.138]
1.30 [.051]
0.90 [.036]
2.55 [.100]
1.00 [.039]
0.70 [.028]
5.00 [.196]
4.00 [.158]
11.00 [.433]
10.00 [.394]
1.50 [.059]
0.50 [.020]
15.00 [.590]
14.00 [.552]
9.00 [.354]
8.00 [.315]
13.50 [.531]
12.50 [.493]
1. DIMENS IONING & T OLERANCING PER ASME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER.
3. DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
NOT ES :
4. OUT LINE CONF ORMS T O JEDEC OUT LINE T O-273AA.
Data and specifications subject to change without notice.
This product has been designed and qualified for the automotive [Q101] market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com