Electronic Components Datasheet Search
  English  ▼

X  

IRFBA1405 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFBA1405
Description  Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405 Datasheet(HTML) 6 Page - International Rectifier

  IRFBA1405 Datasheet HTML 1Page - International Rectifier IRFBA1405 Datasheet HTML 2Page - International Rectifier IRFBA1405 Datasheet HTML 3Page - International Rectifier IRFBA1405 Datasheet HTML 4Page - International Rectifier IRFBA1405 Datasheet HTML 5Page - International Rectifier IRFBA1405 Datasheet HTML 6Page - International Rectifier IRFBA1405 Datasheet HTML 7Page - International Rectifier IRFBA1405 Datasheet HTML 8Page - International Rectifier IRFBA1405 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFBA1405P
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
Fig 14. Threshold Voltage Vs. Temperature
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
ID = 250µA
25
50
75
100
125
150
175
0
200
400
600
800
1000
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
41A
71A
101A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com