Electronic Components Datasheet Search
  English  ▼

X  

UPD16650 Datasheet(PDF) 8 Page - NEC

Part # UPD16650
Description  120-/128-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16650 Datasheet(HTML) 8 Page - NEC

Back Button UPD16650 Datasheet HTML 4Page - NEC UPD16650 Datasheet HTML 5Page - NEC UPD16650 Datasheet HTML 6Page - NEC UPD16650 Datasheet HTML 7Page - NEC UPD16650 Datasheet HTML 8Page - NEC UPD16650 Datasheet HTML 9Page - NEC UPD16650 Datasheet HTML 10Page - NEC UPD16650 Datasheet HTML 11Page - NEC UPD16650 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPD16650
8
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS = 0 V)
–0.5 to +28
–0.5 to +7
–0.5 to +42
–22 to +0.5
VEE2 – 0.5 to VDD2 + 0.5
±10
±10
–20 to +85
–55 to +125
RECOMMENDED OPERATING RANGES (TA = –20
°C to +70 °C, VSS = 0 V)
Supply voltage
Supply voltage
Supply voltage
Supply voltage
Input voltage
Input current
Output current
Operating temperature range
Storage temperature range
Parameter
Symbol
Conditions
VDD
VCC
VDD-VEE1
VDD-VEE2
VEE1, VEE2
VI
II
IO
TA
Tstg.
Rated value
V
V
V
V
V
mA
mA
°C
°C
Unit
Remark
When shifting the level of VEE1 (driver supply voltage), satisfy the condition:
VEE2
≤ VEE1 ≤ VEE2 + 10 V
Note that shifting the VEE1 level results in the ON-state output resistance and output fall time ratings being
changed.
ELECTRICAL CHARACTERISTICS
(TA = –20
°C to +70 °C, VDD = 20 V, VEE1 = VEE2 = –20 V, VCC = 3.3 ±0.3 V or 5.0 ±0.5 V, VSS = 0 V)
Parameter
Supply voltage
Supply voltage
Supply voltage
Supply voltage
Supply voltage
Supply voltage
Symbol
Conditions
Min.
Typ.
Max.
Unit
VDD
VEE1
VEE2
VDD-VEE1
VDD-VEE2
VCC
VCC
For the 3.3 V logic input
For the 5.0 V logic input
16
VEE2
–20
20
3.0
4.5
3.3
5.0
25
VEE2 + 10
0
40
3.6
5.5
V
V
V
V
V
V
Parameter
Input high voltage
Input low voltage
Output high voltage
Output low voltage
Output high current
Output low current
ON-state output resistance
Input leakage current
Dynamic drain current
Conditions
Min.
Typ.
Max.
Unit
Other than VCHA
Other than VCHA
STVR(STVL), IOH = –40
µA
STVR(STVL), IOL = 40
µA
Xn, VX = VDD – 1 V
Xn, VX = VEE1 + 1 V
VX = VEE1 + 1 V or VDD – 1 V
V1 = 0 V, 5.0 V, or 3.3 V
VDD, fφX = 31.5 kHz
VEE1/2, fφX = 31.5 kHz
VCC, fφX = 31.5 kHz
0.7VCC
VEE2
VCC – 0.4
VSS
1.5
0.5
–0.5
50
VCC
0.3VCC
VCC
VSS + 0.4
–1.5
660
±1.0
1.0
–1.0
100
V
V
V
V
mA
mA
Ω
µA
mA
mA
µA
VIH
VIL
VOH
VOL
IXOH
IXOL
RON1
IIL
IDD
IEE
ICC
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com