Electronic Components Datasheet Search
  English  ▼

X  

IRFBC40S Datasheet(PDF) 8 Page - International Rectifier

Part # IRFBC40S
Description  Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40S Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFBC40S Datasheet HTML 2Page - International Rectifier IRFBC40S Datasheet HTML 3Page - International Rectifier IRFBC40S Datasheet HTML 4Page - International Rectifier IRFBC40S Datasheet HTML 5Page - International Rectifier IRFBC40S Datasheet HTML 6Page - International Rectifier IRFBC40S Datasheet HTML 7Page - International Rectifier IRFBC40S Datasheet HTML 8Page - International Rectifier IRFBC40S Datasheet HTML 9Page - International Rectifier IRFBC40S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFBC40S/L
D2Pak Package Outline
D2Pak
Part Marking Information
10.16 (.400)
RE F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
RE F.
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1.39 (.055)
1.14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 ( .415)
10.29 ( .405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 ( .200)
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
MAX.
NO TE S:
1 DIM ENS IO NS AF T ER S OLDE R DIP .
2 DIM ENS IO NING & TO LERA NCING PE R ANS I Y 14.5M, 1982.
3 CO NT RO LLING DIME NSIO N : INCH.
4 HE AT SINK & LEAD DIMEN SION S DO NO T INCLUDE BURRS.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIMUM RECO MM ENDED F OO TP RINT
11.43 (.450)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2X
LE AD ASS IG NM ENT S
1 - G AT E
2 - DRA IN
3 - S OU RC E
2.54 (.100)
2X
PART NU MBER
IN TER NATION AL
REC TIFIER
L OGO
DATE CODE
(YYW W )
YY = YEAR
WW = WEE K
AS SEMBLY
LOT
CODE
F53 0S
9B
1M
9246
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com