Electronic Components Datasheet Search
  English  ▼

X  

C945 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # C945
Description  Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

C945 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  C945 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92
Plastic-Encapsulate Transistors
C945
TRANSISTOR (NPN )
FEATURE
Excellent hFE linearity
Low noise
Complementary to A733
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
125
℃
Tstg
Storage Temperature
-55-125
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA , IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=100 A , IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100 A, IC=0
5
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
Collector cut-off current
ICEO
VCE=45V
0.1
Emitter cut-off current
IEBO
VEB=5V ,IC=0
0.1
hFE(1)
VCE=6V , IC=1mA
70
700
DC current gain
hFE(2)
VCE=6V , IC=0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA,f=30MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.0
pF
Noise figure
NF
VCE
=6V,IC=0.1mA
RG
=10kΩ,f=1MHz
10
dB
CLASSIFICATION OF hFE(1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
TO-92
1.EMITTER
2.COLLECTOR
3. BASE
μA
μA
μA
A,Jan,2011
μ
μ
, IB=0
TIGER ELECTRONIC CO.,LTD


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
Weitron Technology
C945 WEITRON-C945 Datasheet
2Mb / 4P
NPN Transistors
logo
Daya Electric Group Co....
C945 DAYA-C945 Datasheet
701Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
C945 RECTRON-C945 Datasheet
455Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com