Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM317
Description  HIGH CURRENT ADJUSTABLE VOLTAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM317 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM317
3/
7
ELECTRICAL CHARACTERISTICS (VIN-VOUT=5V, IOUT=10mA, Ta=25°C,
unless otherwise specified. ) *
Characteristics
Test conditions
Symbol
Min.
Typ.
Max.
Unit
Reference voltage
10mA≤ I OUT ≤1A
3V≤ (V IN -V OUT ) ≤40V
PD≦ 20W
V REF
1.20
1.25
1.30
V
Line regulation
3V≦ VIN-VOUT≦ 40V
S V
0.01
0.04
%/V
Load regulation
0mA≦ IOUT≦ 1A
Si
0.2
0.4
%
Adjust pin current
Iadj
50
100
µA
Adjust pin current
change
3V≦ VIN-VOUT≦ 40V,
10mA ≦ IOUT ≦ 1A, PD ≦
20W
Δ Iadj
0.2
5.0
µA
Minimum
load
current
VIN-VOUT=40V
I Lmin
3.5
10.0
mA
Ripple rejection
f=120Hz,COUT=1µF
tantalum,
(V IN -V OUT
)=3V,
I OUT
=1A
RR
60
75
dB
Temperature
stability
TMIN≦ TJ≦ TMAX
0.7
%
RMS output noise
(% of V OUT )
Ta=25℃ , 10Hz≤ f ≤10kHz
en
0.003
%
Thermal resistance,
Junction to case
SOT-223
TO-252
TO-220
TO-263
θ JC
23
12
5
5
℃
/W
Thermal resistance,
Junction
to
Ambient
SOT-223
TO-252
TO-220
TO-263
θ JA
165
112
54
64
℃
/W
Thermal shutdown
hysteresis
Thys
25
℃
*: Maximum Power Dissipation is Package Type and Case Temperature dependent.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com